Part Number Hot Search : 
PVI5100 JMS578 7C010 UC3842 S1280 AC244 1206R 2SK2717F
Product Description
Full Text Search
 

To Download SSS1206 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SSS1206 120v n-channel mosfet www.goodark.com page 1 of 7 rev.1.0 main product characteristics features and benefits description absolute max rating symbol parameter max. units i d @ tc = 25c continuous drain current, v gs @ 10v 180 i d @ tc = 100c continuous drain current, v gs @ 10v 130 i dm pulsed drain current 670 a power dissipation 375 w p d @tc = 25c linear derating factor 2.5 w/c v ds drain-source voltage 120 v v gs gate-to-source voltage 20 v e as single pulse avalanche energy @ l=0.3mh 1045 mj i as avalanche current @ l=0.3mh 83.5 a t j t stg operating junction and storage temperature range -55 to +175 c v dss 120v r ds (on) 4m (typ.) i d 180a to-220 marking and pin assignment schematic diagram ? advanced process technology ? special designed for pwm, load switching and general purpose applications ? ultra low on-resistance with low gate charge ? fast switching and reverse body recovery ? 175 operating temperature ? lead free product it utilizes the latest processing techniques to achieve the high cell density and reduces the on-resistance with high repetitive avalanche rating. these features combine to make this design an extremely efficient and reliable device for use in power switching application and a wide variety of other applications.
SSS1206 120v n-channel mosfet www.goodark.com page 2 of 7 rev.1.0 thermal resistance symbol characteristics typ. max. units r jc junction-to-case 0.4 c/w junction-to-ambient (t 10s) 62 c/w r ja junction-to-ambient (pcb mounted, steady-state) 40 c/w electrical characteristics @t a =25 unless otherwise specified symbol parameter min. typ. max. units conditions v (br)dss drain-to-source breakdown voltage 120 v v gs = 0v, i d = 1ma 4.0 6.0 v gs =10v,i d =75a r ds(on) static drain-to-source on-resistance 9.0 m t j = 125c 2.0 4 v ds = v gs , i d =250a v gs(th) gate threshold voltage 2.2 v t j = 125c 1 v ds =120v,v gs = 0v i dss drain-to-source leakage current 50 a t j = 125c 100 v gs =20v i gss gate-to-source forward leakage -100 na v gs = -20v q g total gate charge 224 q gs gate-to-source charge 80 q gd gate-to-drain("miller") charge 55 nc i d = 50a, v ds =50v, v gs = 10v t d(on) turn-on delay time 40 t r rise time 141 t d(off) turn-off delay time 95 t f fall time 101 ns v gs =10v, v dd =65v, r l =0.87, r gen =2.6 i d =75a c iss input capacitance 5634 c oss output capacitance 657 c rss reverse transfer capacitance 12.6 pf v gs = 0v v ds = 50v ? = 1mhz source-drain ratings and characteristics symbol parameter min. typ. max. units conditions i s continuous source current (body diode) 180 a i sm pulsed source current (body diode) 670 a mosfet symbol showing the integral reverse p-n junction diode. v sd diode forward voltage 0.9 1.3 v i s =75a, v gs =0v, t j = 25c
SSS1206 120v n-channel mosfet www.goodark.com page 3 of 7 rev.1.0 test circuits and waveforms switch waveforms: notes : calculated continuous current based on maximum allowable junction temperature. package limitation current is 75a. repetitive rating; pulse width limited by max. junction temperature. the power dissipation pd is based on max. junction temperature, using junction-to-case thermal resistance. the value of r ja is measured with the device mounted on 1 in 2 fr-4 board with 2oz. copper, in a still air environment with ta =25c
SSS1206 120v n-channel mosfet www.goodark.com page 4 of 7 rev.1.0 typical electrical and thermal characteristics figure 2. gate to source cut-off voltage figure 1: typical output characteristics figure 3. drain-to-source breakdown voltage vs. case temperature figure 4: normalized on-resistance vs. case temperature
SSS1206 120v n-channel mosfet www.goodark.com page 5 of 7 rev.1.0 figure 5. maximum drain current vs. case temperature typical electrical and thermal characteristics figure 6.typical capacitance vs. drain-to-source voltage figure7. maximum effective transient thermal impedance, junction-to-case
SSS1206 120v n-channel mosfet www.goodark.com page 6 of 7 rev.1.0 mechanical data min nom max min nom max a - 1.300 - - 0.051 - a1 2.200 2.400 2.600 0.087 0.094 0.102 b - 1.270 - - 0.050 - b1 1.270 1.370 1.470 0.050 0.054 0.058 c - 0.500 - - 0.020 - d - 15.600 - - 0.614 - d1 - 28.700 - - 1.130 - d2 - 9.150 - - 0.360 - e 9.900 10.000 10.100 0.390 0.394 0.398 e1 - 10.160 - - 0.400 - p - 3.600 - - 0.142 - p1 1.500 0.059 e l 12.900 13.100 13.300 0.508 0.516 0.524 ? 1 - 7 0 - - 7 0 - ? 2 - 7 0 - - 7 0 - ? 3 - 3 0 - 5 0 7 0 9 0 ? 4 - 3 0 - 1 0 3 0 5 0 symbol dimension in millimeters dimension in inches 2.54bsc 0.1bsc to-220 package outline dimension_gn e d d1 p a ? 1 d2 a1 c e b b1 ? 2 ? l ? 4 p1 e
SSS1206 120v n-channel mosfet www.goodark.com page 7 of 7 rev.1.0 ordering and marking information device marking: SSS1206 package (available) to-220 operating temperature range c : -55 to 175 oc devices per unit package type units/ tube tubes/inner box units/inner box inner boxes/carton box units/carton box to220 50 20 1000 6 6000 reliability test program test item conditions duration sample size high temperature reverse bias(htrb) t j =125 to 175 @ 80% of max v dss /v ces /vr 168 hours 500 hours 1000 hours 3 lots x 77 devices high temperature gate bias(htgb) t j =125 or 175 @ 100% of max v gss 168 hours 500 hours 1000 hours 3 lots x 77 devices


▲Up To Search▲   

 
Price & Availability of SSS1206

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X